Part Number Hot Search : 
G23AS2 FRA1007G PITE1 UF2JA 3188GN LESD5 T89C5 WD200
Product Description
Full Text Search
 

To Download PCI-1720U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.advantech.com/products online download features rohs compliant 2002/95/ec ordering information PCI-1720U 12-bit, 4-ch isolated ao universal pci card pcl-10137-1 db37 cable, 1 m pcl-10137-2 db37 cable, 2 m pcl-10137-3 db37 cable, 3 m adam-3937 db37 din-rail wiring board pcld-880 wiring board w/ two 20-pin flat cables & adapter pin assignments ? ? ? ? ? ? PCI-1720U specifcations analog output channels 4 isolated resolution 12 bits output rate static update output range (software programmable) internal reference unipolar (v) 0 ~ 5, 0 ~ 10 bipolar (v) 5, 10 current loop (ma) 0~ 20, 4 ~ 20 slew rate 2 v/s isolation protection 2,500 v dc driving capability 5 ma operation modes software polling accuracy 0.024% excitation voltage 50 v (max.) general bus type universal pci 2.2 i/o connectors 1 x db37 female connector dimensions (l x h) 175 x 100 mm (6.9" x 3.9") power consumption +5 v @ 350 ma (typical), 500 ma (max.) +12 v @ 200 ma (typical), 350 ma (max.) operating temperature 0 ~ 60 c (32 ~ 140 f) (refer to iec 68-2-1, 2) storage temperature -20 ~ +70 c (-4 ~ 158 f) storage humidity 5 ~ 95% rh, non-condensing (refer to iec 68-2-3) certifcations ce ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 12-bit, 4-ch isolated analog output universal pci card 4 x 12-bit d/a output channels multiple output ranges 2,500 v dc isolation between the outputs and the pci bus keeps the output settings and values after system reset one db37 connector for easy wiring universal pci and boardid? switch ? ? ? ? ? ? introduction the PCI-1720U provides four 12-bit isolated digital -to- analog outputs for the universal pci bus. with isolation protection of 2500 v dc between the outputs and the pci bus, the PCI-1720U is ideal for industrial applications where high-voltage protection is required.


▲Up To Search▲   

 
Price & Availability of PCI-1720U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X